Part Number Hot Search : 
2JA01 FL390 M41T56 AD7703CN MMBT222 LM386 LT511 25SC33M
Product Description
Full Text Search
 

To Download OB6563 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
OB6563
High Performance PFC Controller DESCRIPTIONS
OB6563 is an active transition-mode (TM) power factor correction (PFC) controller for AC-DC switching mode power supply applications. OB6563 features an internal start-up timer for standalone applications, a one quadrant multiplier with THD optimizer for near unity power factor, zero current detector (ZCD) to ensure TM operation, a current sensing comparator with built-in leading-edge blanking, and a totem pole output ideally suited for driving a power MOSFET. OB6563 offers great protection coverage including system over-voltage protection (OVP) to eliminate runaway output voltage due to load removal, VCC under voltage lockout (UVLO), cycle-by-cycle current limiting, multiplier output clamping that limit maximum peak switch current, and gate drive output clamping for external power MOSFET protection. With added system open loop protection feature, OB6563 shuts down system when the feedback loop is open. In OB6563, the dynamic OVP sensing current is set to 10uA, which will decrease system standby power greatly. When used with On-Bright PWM controller OB2298 or Quasi-Resonant controller OB2203 in a 150W AC/DC power design, it can deliver <0.4W standby power at universal AC range input. OB6563 is offered in SOP-8 and DIP-8 packages.
FEATURES
* * * * * * * * * * * * * * * Transition Mode (TM) Operation One quadrant multiplier with THD optimizer Low Dynamic OVP Sensing Current Setting Low Start-up Current and Operating Current Cycle-by-Cycle Current Limiting Internal RC Filter Trimmed 1.5% Internal Bandgap Reference Under Voltage Lockout with Hysteresis Dynamic and Static Output Over-Voltage Protection (OVP) Internal Start-up Timer for Stand-alone Applications Disable Function Totem Pole Output with High State Clamping System Open Loop Protection Proprietary Audio Noise Free Operation 9.5V to 28V wide range of VCC voltage
APPLICATIONS
* * Electronic Ballast AC-DC SMPS
TYPICAL APPLICATION
L1 C1 R8 R7 C2
AC
C6
R6 D2 D3 R2 D1
OB6563
1 2 3
INV COMP MULT CS
VCC 8 GD 7 GND 6 ZCD 5
+
C4
Q1
R4 + C5 R5
R1
C3
4
R3
(c)On-Bright Electronics -1-
Confidential
OB_DOC_DS_6500


▲Up To Search▲   

 
Price & Availability of OB6563

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X